PART |
Description |
Maker |
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M30201MXT-XXXSP M30201MX-XXXFP M30201M4 M30201M2T |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Single chip 16-bit CMOS microcomputer. RAM size 512 (byte), ROM size 16K (byte) Single chip 16-bit CMOS microcomputer. RAM size 1K (byte), ROM size 32K (byte)
|
Mitsubishi Electric Corporation
|
CY7C60413-16LKXC CY7C60413-16LKXCT |
enCoRe(TM) V Low Voltage Microcontroller; Core: M8C; Code Memory Architecture: Flash; Code Memory Size: 8 KB; RAM size: 1 KB 8-BIT, FLASH, 25.2 MHz, MICROCONTROLLER, QCC16 enCoRe(TM) V Low Voltage Microcontroller; Core: M8C; Code Memory Architecture: Flash; Code Memory Size: 8 KB; RAM size: 1 KB
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
CY7C60323-LTXC CY7C60323-PVXC CY7C60323-LTXCT CY7C |
enCoRe III Low Voltage Wireless presenter tools enCoRe?/a> III Low Voltage Wireless presenter tools enCoRe(TM) III Low Voltage; Core: M8C; Code Memory Architecture: Flash; Code Memory Size: 8 KB; RAM size: 512 B MULTIFUNCTION PERIPHERAL, QCC32 enCoRe(TM) III Low Voltage; Core: M8C; Code Memory Architecture: Flash; Code Memory Size: 8 KB; RAM size: 512 B
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
SG1201A |
GRAPHIC LCD MODULE display format: 12x1; module size: 80x36x8.8; viewing size: 65.0x16.0; character size: 30.93x7.64; dot size: 0.40x0.60; controller: HD66730;
|
SUNLIKE
|
XVB-C5B4 XVB-C4B4 XVB-L4B4 XVB-C38 XVB-L4B5 XVB-C2 |
72-Mbit QDR-II SRAM 2-Word Burst Architecture 4-Mbit (512K x 8) MoBL® Static RAM MoBL® 2-Mbit (128K x 16) Static RAM TetraHub High-Speed USB Hub Controller CY7C602xx Wireless; Memory Size: 8K; RAM: 256B; Vcc (V): 2.7-3.6V; Core: M8C; Code Memory Architecture: Flash; Development Kit: CY3655 镜头单元LED绿色24V 镜头单元闪烁的红 LENS UNIT LED ORANGE 24V 镜头组带领橙24V SMD IC USB DRIVER
|
STMicroelectronics N.V.
|
DV20210 |
CHARACTER LCD MODULE display format: 20x2; module size: 180.0x40.0x10.5; viewing size: 149.0x23.0; dot size: 1.12x1.12; character size: 6.00x9.66;
|
Data International CO.LTD.
|
DV20211 |
CHARACTER LCD MODULE display format: 20x2; module size: 182.5x60.0x20.0; viewing size: 147.0x35.2; dot size: 0.65x0.65; character size: 5.9x12.7;
|
Data International CO.LTD.
|
DV20410 |
CHARACTER LCD MODULE display format: 20x4 ; module size: 146.0x63x10.5; viewing size: 123.0x42.5; dot size: 0.92x1.10; character size: 4.84x9.22;
|
Data International CO.LTD.
|